Part Number Hot Search : 
TL062BI 5KP150A GP30M SMBJ17 MLP710X 80020 MBR20200 MH110
Product Description
Full Text Search
 

To Download MBRF10U100CTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010. 9. 28 1/2 semiconductor technical data MBRF10U100CTA schottky barrier type diode revision no :0 switching mode power supply application. converter & chopper application. features h average output rectified current : i o =10a. h repetitive peak reverse voltage : v rrm =100v. h low forward voltage. h low reverse current. maximum rating (ta=25 ? ) to-220is (1) a a b b c c d d e e f f g g h h 1.47 max 1.47 max j j k k l m l n nn o o q 1. anode 2. cathode 3. anode r q r 123 m dim millimeters 10.16 0.2 + _ 15.87 0.2 + _ 2.54 0.2 + _ 0.8 0.1 + _ 3.18 0.1 + _ 0.5 0.1 + _ 3.23 0.1 + _ 13.0 0.5 + _ 2.54 0.2 + _ 4.7 0.2 + _ 6.68 0.2 + _ 2.76 0.2 + _ 3.3 0.1 + _ 12.57 0.2 + _ electrical characteristics (ta=25 ? ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =5a - - 0.85 v repetitive peak reverse current (note) i rrm v rrm =rated - 2 50 u reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ k - - 35 j thermal resistance (note) r th(j-c) juction to case - - 4.5 ? /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 100 v average output rectified current (tc=110 ? ) (note) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40 q 150 ? storage temperature range t stg -55 q 150 ? note : average forward current of centertap full wave connection. note : a value of one cell ( w x
2010. 9. 28 2/2 MBRF10U100CTA revision no : 0 reverse current i r ( m a) reverse voltage v r (v) i r - v r i f - v f forward voltage v f (v) forward current i f (a) 0 0.2 0.1 0.4 0.6 0.8 1 0 1 10 100 20 40 60 80 0.0001 0.001 0.1 0.01 10 1 100 120 100 j t =25 c t =150 c j j t =25 c t =125 c j j t =75 c t =150 c j


▲Up To Search▲   

 
Price & Availability of MBRF10U100CTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X